Part Number Hot Search : 
MC14708 ISL2108 BD4148 BTA92 8B103 A1205 KAM1512 L1024A
Product Description
Full Text Search
 

To Download RLT808500G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  10.08.2010 RLT808500G.doc 1 of 1 RLT808500G technical data high power infrared laserdiode structure: high efficiency movcd quantum well design lasing wavelength: 808 nm typ. output power: 500 mw, cw package: 9 mm pin connection: 1) laser diode cathode 2) laser diode anode and photodiode cathode 3) photodiode anode absolute maximum ratings (tc=25c) characteristic symbol rating unit optical output power p o 550 mw ld reverse voltage v r(ld) 2 v pd reverse voltage v r(pd) 30 v operating temperature t c -10 .. +40 c storage temperature t stg -40 .. +80 c optical-electrical char acteristics (tc = 25c) characteristic symbol test condition min typ max unit optical output power p o kink free 500 mw threshold current i th cw 150 180 ma operation current i op p o = 500 mw 650 700 750 ma operation voltage v op p o = 500 mw 1.85 2.0 v slope efficiency cw 0.8 1.0 1.1 w/a lasing wavelength p o = 500 mw 805 808 811 nm beam divergence // p o = 500 mw 5 9 12 beam divergence p o = 500 mw 30 35 45 lasing aperture a p o = 500 mw 50x1 m2 recommended operating temperature t op cw 20 25 40 c monitor current i m p o = 500 mw 0.6 1.5 ma note! laserdiode must be cooled!


▲Up To Search▲   

 
Price & Availability of RLT808500G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X